Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download MAL213825479E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 138 AML
Vishay BCcomponents
Aluminum Capacitors Axial Miniature, Long-Life
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
* Axial leads, cylindrical aluminum case, insulated RoHS COMPLIANT with a blue sleeve (case O 6.3 x 12.7 and 7.7 x 12.7 mm are moulded with flame retardant plastic material) * Mounting ring version not available in insulated form * Taped versions up to case O 15 x 30 mm available for automatic insertion * Charge and discharge proof * Long useful life: 2000 to 10 000 hours at 105 C, high reliability
longer life
Fig.1 Component outlines
021 ASM
smaller dimensions
138 AML
118 AHT 120 ATC
* High ripple current capability * Miniaturized, high CV-product per unit volume * Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
* Industrial, automotive, EDP and telecommunication * Smoothing, filtering, buffering in SMPS; coupling, decoupling, timing * Portable and mobile equipment (small size, low mass) * Stand-by applications * Low mounting height boards, vibration and shock resistant
10 x 30 to 21 x 38
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C Useful life at 105 C Useful life at 40 C, IR applied Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 6.3 x 12.7 to 10 x 25 VALUE
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Upper category temperature (105 C) * Date code, in accordance with IEC 60062 * Code for factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive (not for case sizes L < 18 mm) * Series number (138)
1.0 to 15 000 F 20 % 6.3 to 100 V - 40 to + 105 C 1000 hours 2000 hours 5000 hours 10 000 hours
1.3 x IR applied: 1.8 x IR applied: 200 000 hours 500 000 hours 500 hours 500 hours
IEC 60384-4/EN130 300 40/105/56
terminal
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 205
138 AML
Vishay BCcomponents
Aluminum Capacitors Axial Miniature, Long-Life
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1.0 2.2 4.7 10 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10 000 15 000 UR (V) 6.3 6.3 x 12.7 7.7 x 12.7 6.5 x 18 10 x 18 10 x 25 10 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 16 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 8 x 18 10 x 18 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 25 6.3 x 12.7 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 6.5 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 40 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 50 6.3 x 12.7 7.7 x 12.7 10 x 18 63 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 100 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 1.6 63.5 1.5 OD OD L Od L Od
+
+
F Form BR: Taped on reel Form BA: Taped in box (ammopack) case O D x L = 6.3 x 12.7 to 7.7 x 12.7 mm
Form BR: Taped on reel case O D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack) case O D x L = 6.5 x 18 to 10 x 25 mm
F
Fig.2 Forms BA and BR
I L 33 1
Fig.3 Forms BA and BR
OD
F Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.4 Form AA
www.vishay.com 206
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332 Revision: 15-Oct-08
138 AML
Aluminum Capacitors Axial Miniature, Long-Life
Table 1
Vishay BCcomponents
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL (mm) 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 AXIAL: FORM AA, BA, and BR CASE CODE (2) (3) 4 5 6 7 00 01 02 03 04 05 Od 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 I 55 1 55 1 55 1 55 1 34 1 34 1 O Dmax. 6.5 7.9 6.9 8.5 10.5 10.5 10.5 13.0 15.5 18.5 18.5 21.5 Lmax. 12.9 12.9 18.5 18.5 18.5 25.5 30.5 30.5 30.5 30.5 39.5 39.5 Fmin. 17.5 17.5 25 25 25 30 35 35 35 35 44 44 MASS (g) 1.1 1.3 1.3 1.7 2.5 3.3 4.8 7.4 11.7 12.9 19.0 24.0 FORM AA 340 260 200 120 125 100 PACKAGING QUANTITIES FORM BA 1000 500 1000 500 500 500 FORM BR 1000 500 1000 500 500 500 500 400 250 -
Note Detailed tape dimensions see section `PACKAGING'.
D 120 C (3 x) D3 90 2 (3 x) 1.05 + 0.03 (3 x) - 0.1 d2 1.3 + 0.1 (3 x) 0 Mounting holes O d1 Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations O D2 1.3 + 0 (3 x) - 0.05 3.6 + 0.2 - 0.2 L
+ 1.0 - 0.5
Fig.5 Mounting hole digram and outline; Form MR: With mounting ring and pins
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 02 03 04 05 MOUNTING RING: FORM MR O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 Dmax. 15.5 18.5 18.5 21.5 O D2max. 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES 200 240 100 100
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 207
138 AML
Vishay BCcomponents
Aluminum Capacitors Axial Miniature, Long-Life
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 105 C max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR) max. impedance at 10 kHz or 100 kHz
ELECTRICAL DATA
SYMBOL CR IR IL5 tan ESR Z Note Unless otherwise specified, all electrical values in Table 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 3
Electrolytic capacitor 138 series 470 F/10 V; 20 % Nominal case size: O 8 x 18 mm; Form BA Ordering code: MAL213834471E3 Former 12 NC: 2222 138 34471
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 HZ (F) 100 220 470 1000 2200 150 220 470 1000 1500 2200 3300 4700 6800 10 000 15 000 22 47 100 220 470 1000 1500 2200 3300 4700 6800 10 000 10 22 33 47 NOMINAL CASE SIZE ODxL (mm) 6.3 x 12.7 7.7 x 12.7 6.5 x 18 10 x 18 10 x 25 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 8 x 18 10 x 18 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 6.3 x 12.7 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 IR 100 Hz 105 C (mA) 99 160 250 430 640 140 190 300 520 670 890 1140 1450 1880 1980 2200 58 83 130 230 360 630 860 1090 1420 1480 1930 2100 46 61 74 96 IL5 5 min (A) 5.3 6.8 9.9 17 32 7.0 8.4 13 24 34 48 70 98 140 200 300 4.7 5.5 7.2 11 19 36 52 74 110 150 220 320 4.5 5.1 5.7 6.4 tan 100 Hz ESR 100 Hz () 3.8 1.7 0.81 0.38 0.21 2.1 1.4 0.68 0.32 0.32 0.22 0.16 0.12 0.085 0.070 0.063 8.7 5.4 2.5 1.2 0.54 0.34 0.23 0.17 0.12 0.10 0.072 0.065 14 10 6.8 4.7 Z 10 kHz () 3.0 1.4 0.64 0.30 0.18 1.3 0.91 0.43 0.20 0.26 0.19 0.13 0.11 0.074 0.062 0.058 7.3 3.4 1.6 0.73 0.34 0.27 0.19 0.14 0.10 0.090 0.062 0.057 12 5.5 3.6 2.6 ORDERING CODE MAL2138....... Z TAPED IN TAPED 100 kHz IN BOX BOX ON REEL () FORM AA FORM BR FORM BA 1.8 0.95 0.5 0.24 0.15 0.95 0.5 0.35 0.16 0.26 0.19 0.15 0.13 0.11 0.10 0.099 2.7 1.9 1.0 0.35 0.25 0.26 0.19 0.15 0.13 0.12 0.10 0.098 2.8 2.5 1.9 1.0 14152E3 14222E3 14332E3 14472E3 14682E3 14103E3 14153E3 15102E3 15152E3 15222E3 15332E3 15472E3 15682E3 15103E3 23101E3 23221E3 23471E3 23102E3 23222E3 24151E3 24221E3 24471E3 24102E3 24152E3 24222E3 24332E3 25229E3 25479E3 25101E3 25221E3 25471E3 25102E3 25152E3 25222E3 26109E3 26229E3 26339E3 26479E3 33101E3 33221E3 33471E3 33102E3 33222E3 34151E3 34221E3 34471E3 34102E3 35229E3 35479E3 35101E3 35221E3 35471E3 36109E3 36229E3 36339E3 36479E3 MOUNTING RING FORM MR 44332E3 44472E3 44682E3 44103E3 44153E3 45222E3 45332E3 45472E3 45682E3 45103E3 -
6.3
10
16
25
0.24 0.24 0.24 0.24 0.29 0.2 0.2 0.2 0.2 0.28 0.29 0.30 0.33 0.34 0.41 0.55 0.12 0.16 0.16 0.16 0.16 0.20 0.20 0.21 0.24 0.28 0.28 0.38 0.09 0.14 0.14 0.14
www.vishay.com 208
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332 Revision: 15-Oct-08
138 AML
Aluminum Capacitors Axial Miniature, Long-Life
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 HZ (F) 100 220 470 680 1000 1500 2200 3300 4700 6800 33 47 100 220 330 470 680 1000 1500 2200 3300 10 22 100 4.7 10 22 47 100 150 220 330 470 680 1000 1500 1.0 2.2 4.7 10 22 47 68 100 150 220 330 470 680 NOMINAL CASE SIZE ODxL (mm) 6.5 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 18 x 38 21 x 38 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.3 x 12.7 7.7 x 12.7 10 x 18 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 6.3 x 12.7 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 IR 100 Hz 105 C (mA) 160 270 440 580 790 1020 1320 1720 1840 2100 91 120 180 350 490 650 750 970 1250 1640 1810 51 82 230 35 59 100 150 280 410 560 660 860 1130 1460 1680 16 24 40 67 100 190 300 410 550 650 880 1130 1330 IL5 5 min (A) 9.0 15 28 38 54 79 110 170 240 340 6.6 7.8 12 22 30 42 58 84 120 180 270 5.0 6.2 14 4.6 5.3 6.8 9.9 17 23 32 46 63 90 130 190 4.2 4.4 4.9 6.0 8.4 13 18 24 34 48 70 98 140 tan 100 Hz ESR 100 Hz () 2.1 0.94 0.44 0.36 0.25 0.17 0.13 0.090 0.076 0.068 5.3 3.4 1.6 0.72 0.47 0.34 0.25 0.17 0.13 0.093 0.079 14 6.5 1.3 30 13 5.1 2.4 1.1 0.73 0.50 0.37 0.26 0.19 0.13 0.10 140 65 27 11 5.1 2.4 1.7 1.1 0.78 0.54 0.38 0.27 0.21 Z 10 kHz () 1.2 0.55 0.26 0.26 0.18 0.13 0.10 0.071 0.063 0.058 2.7 1.9 0.9 0.41 0.32 0.23 0.18 0.12 0.098 0.069 0.061 7 3.2 0.7 17 8 3.6 1.7 0.8 0.44 0.31 0.23 0.16 0.12 0.086 0.072 55 25 17 8 3.6 1.7 1.1 0.77 0.52 0.37 0.27 0.19 0.14 ORDERING CODE MAL2138....... Z TAPED IN TAPED 100 kHz IN BOX BOX ON REEL () FORM AA FORM BR FORM BA 0.55 0.27 0.17 0.25 0.19 0.15 0.13 0.11 0.10 0.099 1.0 0.65 0.40 0.20 0.30 0.22 0.18 0.14 0.12 0.10 0.10 2.7 1.1 0.30 5 1.8 0.85 0.50 0.27 0.40 0.29 0.22 0.16 0.14 0.11 0.11 10 8 5 2.4 1.4 0.67 0.97 0.67 0.46 0.33 0.24 0.17 0.14 16681E3 16102E3 16152E3 16222E3 16332E3 16472E3 16682E3 17331E3 17471E3 17681E3 17102E3 17152E3 17222E3 17332E3 18151E3 18221E3 18331E3 18471E3 18681E3 18102E3 18152E3 19689E3 19101E3 19151E3 19221E3 19331E3 19471E3 19681E3 26101E3 26221E3 26471E3 26681E3 26102E3 26152E3 27339E3 27479E3 27101E3 27221E3 27331E3 27471E3 27681E3 27102E3 21109E3 21229E3 21101E3 28478E3 28109E3 28229E3 28479E3 28101E3 28151E3 28221E3 28331E3 28471E3 29108E3 29228E3 29478E3 29109E3 29229E3 29479E3 29689E3 29101E3 29151E3 29221E3 36101E3 36221E3 36471E3 37339E3 37479E3 37101E3 37221E3 31109E3 31229E3 31101E3 38478E3 38109E3 38229E3 38479E3 38101E3 39108E3 39228E3 39478E3 39109E3 39229E3 39479E3 MOUNTING RING FORM MR 46152E3 46222E3 46332E3 46472E3 46682E3 47102E3 47152E3 47222E3 47332E3 48471E3 48681E3 48102E3 48152E3 49151E3 49221E3 49331E3 49471E3 49681E3
Vishay BCcomponents
25
40
50
63
100
0.13 0.13 0.13 0.14 0.15 0.15 0.17 0.17 0.21 0.27 0.11 0.10 0.10 0.10 0.09 0.09 0.10 0.10 0.12 0.12 0.15 0.09 0.09 0.08 0.09 0.08 0.07 0.07 0.07 0.11 0.11 0.12 0.12 0.12 0.12 0.13 0.09 0.09 0.08 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.09
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 209
138 AML
Vishay BCcomponents
Aluminum Capacitors Axial Miniature, Long-Life
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current CONDITIONS AXIAL Us 1.15 x UR Urev 1 V After 1 minute at UR: case O D x L = 6.3 x 12.7 and 7.7 x 12.7 mm case O D x L = 6.5 x 18 to 21 x 38 mm After 5 minutes at UR Case O D x L mm: 6.3 x 12.7 7.7 x 12.7 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 typ. 20 nH typ. 30 nH typ. 15 nH typ. 35 nH typ. 69 nH typ. 38 nH typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH VALUE MOUNTING RING
IL1 0.02 CR x UR + 3 A IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A
Inductance Equivalent series inductance (ESL)
CAPACITANCE (C)
1 1.1 C C0 1.0 0.9 0.8 0.7 0.6 1 4 2 3 4 1.2 C C0 1.1
1 2
1.0
3 2 Curve 1: 6.3 V and 10 V Curve 2: 16 V and 40 V Curve 3: 50 V and 63 V Curve 4: 100 V - 40 - 20 0 20 40 60 80 100 120
0.9
2 1
0.8
Curve 1: 10 V Curve 2: 100 V
0.7 - 60 - 60 - 40 - 20 0 20 40 60 80 100 120 Case O D x L = 6.3 x 12.7 to 10 x 25 mm C0 = typical at 20 C, 100 Hz Case O D x L = 10 x 30 to 21 x 38 mm C0 = typical at 20 C, 100 Hz
Tamb (C)
Tamb (C)
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Fig.7 Typical multiplier of capacitance as a function of ambient temperature
www.vishay.com 210
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332 Revision: 15-Oct-08
138 AML
Aluminum Capacitors Axial Miniature, Long-Life
EQUIVALENT SERIES RESISTANCE (ESR)
1.2 C C0 1.0 2 0.8 1 0.6 1 1 0.4 2 Curve 1: 10 V Curve 2: 100 V 10 -1 10 10 2 103 10 4 f (Hz) 10 5 - 50 0 Case O D x L = 6.3 x 12.7 to 10 x 25 mm ESR0 = typical ESR at 20 C, 100 Hz 50 100 Tamb (C) 102 ESR ESR 0 10 2 1 Curve 1: 50 V Curve 2: 6.3 V; 63 V; 100 V
Vishay BCcomponents
0.2
C0 = typical at 20 C, 100 Hz
Fig.8 Typical multiplier of capacitance as a function of frequency
Fig.9 Typical multiplier of ESR as a function of ambient temperature
10
2 Curve 1: 6.3 V Curve 2: 100 V
ESR ESR0
ESR ESR0
2 1
1
1 1
2
10- 1 - 60 - 40 - 20 0 20 40 60 80 100 120
0 10 10 2 103 10 4 Case O D x L = 6.3 x 12.7 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz f (Hz) 10 5
Case O D x L = 10 x 30 to 21 x 38 mm ESR0 = typical ESR at 20 C, 100 Hz
Tamb (C)
Fig.10 Typical multiplier of ESR as a function of ambient temperature
Fig.11 Typical multiplier ESR as a function of frequency
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 211
138 AML
Vishay BCcomponents
Aluminum Capacitors Axial Miniature, Long-Life
EQUIVALENT SERIES RESISTANCE (ESR)
2 Curve 1: 10 V Curve 2: 100 V ESR ESR0 2 1 1 1 2
0 10 10 2 103 10 4 Case O D x L = 10 x 30 to 21 x 38 mm ESR0 = typical ESR at 20 C, 100 Hz f (Hz) 10 5
Fig.12 Typical multiplier ESR as a function of frequency
IMPEDANCE (Z)
Table 4
IMPEDANCE VS. CAPACITANCE VALUES (case O D x L = 6.3 x 12.7 to 10 x 25 mm)
Tamb + 20 C - 25 C - 40 C Z x CR ( x F) AT 10 kHz 6.3 V 300 2000 5500 10 V 200 1200 3200 16 V 160 750 2000 25 V 120 560 1500 40 V 90 450 1200 50 V 70 300 900 63 V 80 550 1500 100 V 80 550 1500
10 Z Z0
10 Z () 10
3
2
1
10
Curve 1: 10 F, 63 V Curve 2: 10 F, 50 V Curve 3: 22 F, 63 V Curve 4: 47 F, 25 V Curve 5: 100 F, 16 V Curve 6: 100 F, 25 V Curve 7: 220 F, 10 V Curve 8: 470 F, 6.3 V 3 4 5 6 7 8 1 2
10
-1
1
10-2 - 60 - 40 - 20 0 20 40 60 80 100 120
10
-1
10 2
103
10 4
10 5
f (Hz)
10 6
Case O D x L = 10 x 30 to 21 x 38 mm
Tamb (C)
Case O D x L = 6.3 x 12.7 to 6.5 x 18 mm
Tamb (C)
Fig.13 Typical multiplier of ESR as a function of ambient temperature at 10 kHz
Fig.14 Typical impedance as a function of frequency
www.vishay.com 212
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332 Revision: 15-Oct-08
138 AML
Aluminum Capacitors Axial Miniature, Long-Life
3
Vishay BCcomponents
10 Z () 10
102 Curve 1: 47 F, 63 V Curve 2: 100 F, 50 V Curve 3: 100 F, 63 V Curve 4: 220 F, 25 V Curve 5: 470 F, 16 V Curve 6: 1000 F, 25 V Curve 7: 1000 F, 10 V Curve 8: 2200 F, 6.3 V Z () 10 Curve 1: 680 F; 25 V Curve 2:4700 F; 25 V Curve 3: 6800 F; 25 V
2
10
1
1
10 4 5 6 7 8
2 3
-1
1 2 3
1 2 3
4 5
10
-1
10
-2
10 2
103
10 4
10 5
f (Hz)
10 6
10 2
103
10 4
10 5
f (Hz)
10 6
Case O D x L = 8 x 18 to 10 x 25 mm
Tamb (C)
Case O D x L = 10 x 30 to 21 x 38 mm
Tamb (C)
Fig.15 Typical impedance as a function of frequency
Fig.16 Typical impedance as a function of frequency
102 Z () 10 Curve 1: 680 F; 25 V Curve 2:4700 F; 25 V Curve 3: 6800 F; 25 V
102 Z () 10 Curve 1: 680 F; 25 V Curve 2:4700 F; 25 V Curve 3: 6800 F; 25 V
1 1
1
1
10
-1
2 3
10
-1
2 3
10-2 10 2 10
3
10-2 10
4
10 5
f (Hz)
10 6
10 2
103
10 4
10 5
f (Hz)
10 6
Case O D x L = 10 x 30 to 21 x 38 mm
Tamb (C)
Case O D x L = 10 x 30 to 21 x 38 mm
Tamb (40 C)
Fig.17 Typical impedance as a function of frequency
Fig.18 Typical impedance as a function of frequency
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 213
138 AML
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
3.8 IA IR 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 CCC206
Aluminum Capacitors Axial Miniature, Long-Life
2.8 lifetime multiplier 2.6
1.
2.4
0 1. 5
2.2
2. 0 3. 0
2.0
4. 0 6. 0
1.8
8. 0 12
1.6
20
1.4
30
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 105 C
(1)
Useful life at 105 C and IR applied: case O D x L = 6.3 x 12.7 to 10 x 25 mm: 2000 hours case O D x L = 10 x 30 to 21 x 38 mm: 10 000 hours
1.2 1.0 0.8 0.5 0.0
60 10 0 15 0
50 60 70 80 90 100 40
(1)
Fig.19 Multiplier of useful life as a function of ambient temperature and ripple current load
20 0
110 Tamb (C)
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 10 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 16 to 25 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 40 to 100 V 0.85 1.00 1.20 1.30 1.35 1.40
www.vishay.com 214
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332 Revision: 15-Oct-08
138 AML
Aluminum Capacitors Axial Miniature, Long-Life
Table 6
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 case O D x L: 6.3 x 12.7 to 10 x 25 mm: 1000 hours; 10 x 30 to 21 x 38 mm: 5000 hours Useful life CECC 30301 subclause 1.8.1 Tamb = 105 C; UR and IR applied; case O D x L: 6.3 x 12.7 to 10 x 25 mm: 2000 hours; 10 x 30 to 21 x 38 mm: 10 000 hours PROCEDURE (quick reference) Tamb = 105 C; UR applied; REQUIREMENTS UR 6.3 V; C/C: + 15/- 30 % UR > 6.3 V; C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit UR 6.3 V; C/C: + 45/- 50 % UR > 6.3 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300, subclause 4.17 Tamb = 105 C; no voltage applied; 500 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
Document Number: 28332 Revision: 15-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 215
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL213825479E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X